Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 41Page - Renesas Technology Corp AT25QL641 Datasheet HTML 42Page - Renesas Technology Corp AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 45
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.22 Erase / Program Resume (7Ah)
The Erase/Program Resume command 7Ah is to restart the Block Erase operation or the Page Program
operation upon an Erase/Program Suspend. The Resume command 7Ah is accepted by the device only if the
SUS bit in the Status Register equals to 1 and the BUSY bit equals to 0. After the command is issued, the SUS
bit is cleared immediately, the BUSY bit is set within 200 ns, and the block completes the erase operation, or the
page completes the program operation. If the SUS bit equals to 0 or the BUSY bit equals 1, the Resume
command 7Ah is ignored by the device.
Resume command cannot be accepted if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend command not to be issued
within a minimum of time of tSUS following a previous Resume command. See Figure 38 and Figure 39.
Figure 38. Erase / Program Resume Command (SPI Mode)
Figure 39. Erase / Program Resume Command (QPI Mode)
SCK
CS
SI
SO
1
0
234
6
57
Command
7Ah
Mode 3
Mode 0
High-Impedance
Mode 3
Mode 0
Resume previously
suspended program
or erase
SCK
CS
1
0
Mode 3
Command
75h
Mode 0
Mode 3
Accept commands
Mode 0
t
SUS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com