| Electronic Components Datasheet Search |
|
AT25QL641 Datasheet(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
AT25QL641 Datasheet(HTML) 52 Page - Renesas Technology Corp |
|
52 / 80 page ![]() DS-AT25QL641-130 Rev. G Page 52 Sep 14, 2022 © 2022 Renesas Electronics AT25QL641 Datasheet 8.28 JEDEC ID (9Fh) For compatibility reasons, the AT25QL641 provides several commands to electronically determine the identity of the device. The Read JEDEC ID command is compliant with the JEDEC standard for SPI compatible serial Flash memories that was adopted in 2003. The command is entered by driving the CS pin low with following the command code 9Fh. The JEDEC assigned Manufacturer ID byte for Renesas Electronics (1Fh) and two Device ID bytes, Memory Type (ID15-ID8) and Capacity (ID7-ID0) are then shifted out on the falling edge of SCK with most significant bit (MSB) first shown in Figure 49 and Figure 50. For memory type and capacity values, see Table 7. The JEDEC ID can be read continuously. The command is terminated by driving CS high. Figure 49. Read JEDEC ID Command (SPI Mode) Figure 50. Read JEDEC ID Command (QPI Mode) SCK CS 1 02 3 4 6 579 810 11 14 15 12 13 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 HIGH-IMPEDANCE Command 9Fh SCK CS Manufacturer ID Memory Type ID15-ID8 Capacity ID7-ID0 76 5 4 32 1 76 5 4 32 1 0 76 5 4 32 1 0 0 MSB MSB MSB SI SO SI SO SCK CS 1 0 2345 Mode 3 Command 9Fh MFR ID MT ID Capacity ID Mode 0 0 4 2 3 7 6 1 5 0 4 2 3 7 6 1 5 0 4 2 3 7 6 1 5 67 Mode 3 Mode 0 MSB MSB MSB IOs switch from Input to Output IO 0 IO 1 IO 2 IO 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |