| Electronic Components Datasheet Search |
|
AT25QL641 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
AT25QL641 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 80 page ![]() DS-AT25QL641-130 Rev. G Page 13 Sep 14, 2022 © 2022 Renesas Electronics AT25QL641 Datasheet 6. Write Protection To protect inadvertent writes by the possible noise, several means of protection are applied to the Flash memory. 6.1 Write Protect Features The write protect features are: ▪ While Power-on reset, all operations are disabled and no command is recognized. ▪ An internal time delay of tPUW can protect the data against inadvertent changes while the power supply is outside the operating specification. This includes the Write Enable, Page Program, Block Erase, Chip Erase, Write Security Register and the Write Status Register commands. ▪ For data changes, Write Enable command must be issued to set the Write Enable Latch (WEL) bit to 0. Power-up, Completion of Write Disable, Write Status Register, Page Program, Block Erase and Chip Erase are subjected to this condition. ▪ Status Register protect (SRP) and Block protect (SEC, TB, BP2, BP1, and BP0) bits may be used to configure a portion of the memory as read-only (software protection). ▪ The Write Protect (WP) pin can be used to change the Status register (hardware control). ▪ The Deep Power-Down (DPD) mode provides extra protection from unexpected data changes as all commands are ignored under this status except for the Release from Deep Power-Down command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |