Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL641 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 24
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.5
Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register commands are used to read the Status register. They can be executed at any time
(even in the Program/Erase/Write Status Register and Write Security Register conditions). It is recommended to
check the BUSY bit before sending a new command when a Program, Erase, Write Status Register or Write
Status Register operation is in progress.
The command is entered by driving CS low and sending the command code 05h for Status Register-1 or 35h for
Status Register-2 into the SI pin on the rising edge of SCK. The status register bits are then shifted out on the SO
pin at the falling edge of SCK with most significant bit (MSB) first as shown in (Figure 8 and Figure 9). The Status
Register can be read continuously. The command is completed by driving CS high.
Figure 8. Read Status Register Command (SPI Mode)
Figure 9. Read Status Register Command (QPI Mode)
03
5
246
7
11
13
10
12
15
14
9
816
20
22
19
21
23
18
17
1
Mode 3
Mode 0
High-Impedace
SCK
CS
Command (05h or 35h)
Status Register - 1 or 2 out
Status Register - 1 or 2 out
75
63
420
7
16
5
3
0
1
2
4
MSB
*
SO
SI
IO
IO
IO
IO
SCK
Command
05h/35h
SR-1/2
out
SR-1/2
out
0
00
1
1
1
22
33
35
5
55
24
44
4
7
77
66
6
Mode 3
Mode 0
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com