| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-21 Normal: MUX_CTL driven low INT7 SRDA DTR SCLK Input or Output Input Input Input Input Interrupt 7 ÑWhen selected, this signal can be programmed as an interrupt input or a GPIO signal, and has a 47k W pull-up resistor. As a Schmitt trigger interrupt input, the signal can be programmed to be level sensitive, positive edge-triggered, or negative edge- triggered. When edge-triggered, triggering occurs at a voltage level and is not directly related to the fall time of the interrupt signal; however, as signal fall time of the interrupt signal increases, the probability of generating multiple interrupts due to this noise also increases. Audio codec serial receive data (alternate)ÑWhen programmed as SRDA, this signal receives data into the serial receive shift register in the serial audio codec port. Note: When this signal is used as SRDA, the primary SRDA signal is disabled. (See Table 1-18 on page 1-31.) Data terminal ready ÑWhen programmed as GPIO, this signal is used as the DTR positive and negative edge-triggered interrupt input for the serial data port. (See Table 1-15 on page 1-26.) Serial clock ÐWhen so programmed, this signal provides the input clock for the serial data port (UART). (See Table 1-15 on page 1-26.) The signal is a GPIO when not programmed as one of the above functions. After reset, the default state for this signal is GPI. Alternate: MUX_CTL driven high TMS Input Input Test Mode Select ÑWhen selected, this signal acts as the TMS input for the JTAG TAP controller. The signal is used to sequence that TAP controller state machine. The TMS is sampled on the rising edge of TCK. Note: When this signal is enabled, the primary TMS signal is disconnected from the TAP controller. (See Table 1-22 on page 1-36.) Table 1-12 Interrupt Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |