| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 36 Page - NXP Semiconductors |
|
36 / 76 page ![]() Preliminary 1-30 DSP56652 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56652 Signal Description Smart Card Port After rest, the default state of all Smart Card port pins is GPI. For Smart Card port signals equipped with resistors, all pull-ups and pull-downs are automatically disconnected when the pin is an output. Table 1-17 Smart Card Port Signals Signal Name Signal Type State during Reset Signal Description SIMCLK Output Input or Output Input SIM clockÑ This signal is an output clock from the Smart Card port to the Smart Card. This signal is a GPIO signal when the Smart Card port is not being used. SENSE Input Input or Output Input SIM senseÑ This signal is a Schmitt trigger input that signals when a Smart Card is inserted or removed. This signal is a GPIO signal when the Smart Card port is not being used. The signal has an on-chip 100 k W pull-down resistor. SIMDATA Input/ Output Input or Output Input SIM dataÑ This bidirectional signal is used to transmit data to and receive data from the Smart Card. In the output state, the signal is open drain. This signal is a GPIO signal when the Smart Card port is not being used. The signal has an on-chip 47 k W pull-up resistor. SIMRESET Output Input or Output Input SIM ResetÑ This signal is an output reset signal from the Smart Card port to the Smart Card. The Smart Card port can activate the reset of an attached Smart Card by driving SIMRESET low. This signal is a GPIO signal when the Smart Card port is not being used. PWR_EN Output Input or Output Input SIM power enableÑ This active high output enables the external device that supplies VCC to the Smart Card. If this pin is driven high, the external device supplies power to the Smart Card. Driving the signal low cuts off power to card. This permits effective power management and power sequencing for Smart Card enable/disable. This signal is a GPIO signal when the Smart Card port is not being used. This signal has an on-chip 100 k W pull-down resistor. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |