Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RYZ024A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 7Page - Renesas Technology Corp RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp RYZ024A Datasheet HTML 10Page - Renesas Technology Corp RYZ024A Datasheet HTML 11Page - Renesas Technology Corp RYZ024A Datasheet HTML 12Page - Renesas Technology Corp RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 11 of 38
Nov.14.22
Electrical Characteristics
Power
Power pads characteristics
Note: Pad 1V8 is the reference voltage for IOs. It can be used to provide power small devices (100 mA
maximum usage). This voltage is not available when the modem is in Deep Sleep. When the modem
is in standby the voltage drops to 1.62 V as per Table 13.
Table 13.
Power Pads
Pad #
Pad Name
Power
Group
Direction
Min
Operational
Value
Typical
Operational
Value
Max
Operational
Value
8
1V8
See note
above
PVDD_1V8
Out
1.62 V
1.8 V
1.98 V
73
SIM_VCC1
PVDD_1V8
Out
1.62 V
1.8 V
1.98 V
60, 62,
63
VBAT
N/A
In
2.2 V
5.5 V
1.
See also section USIM Interfaces.
Note: Reference VBAT voltage range is 2.5 V to 5.5 V for RF-compliant operation and 2.2 V to 5.5 V for
functional behavior with possible degradation of RF performances.
Power-Up and Reset Sequences
Figure 4. Timing Diagram for Power-Up Sequence
Important:
The 1V8 power signal can remain low up to 370 μs after the VBAT rising edge.
Figure 5. Timing Diagram for Reset Sequence
Note: Since RESETN is pulled-up internally, RESETN does not need to be maintained low after VBAT is
established. This is shown by Figure 5. There is no timing condition between RESETN and VBAT.
Note: RESETN minimum duration for reliable detection is 100 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com