Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RYZ024A Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp RYZ024A Datasheet HTML 22Page - Renesas Technology Corp RYZ024A Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 19 of 38
Nov.14.22
Environmental Conditions
The environmental operating conditions are:
•
Temperature (PCB temperature as measured by on-board thermistor):
– Operational: -40°C, +85°C
– RF compliant: -30°C, +85°C
•
Humidity: 10% to 85% (non-condensing)
Packing
The RYZ024A is delivered in Tape-and-Reel. Details are provided in the figures below.
Figure 12
. Packing Modules in Reels
Figure 13
. Packing Reels in Boxes
The full box set weights about 5.95 kg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com