Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RYZ024A Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 8Page - Renesas Technology Corp RYZ024A Datasheet HTML 9Page - Renesas Technology Corp RYZ024A Datasheet HTML 10Page - Renesas Technology Corp RYZ024A Datasheet HTML 11Page - Renesas Technology Corp RYZ024A Datasheet HTML 12Page - Renesas Technology Corp RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 12 of 38
Nov.14.22
Power States
Figure 6 represents the electrical states of the module and their transitions.
Figure 6. Electrical States and Transitions
The various power modes are described in Table 14 and illustrated on Figure 6.
Table 14.
Power Modes Description
Power Mode
LTE Mode
Available Interfaces
Active
Connected (RF on)
All interfaces
Standby
Connected (RF off)
All interfaces
Sleep
Short eDRX idle duration RRC Idle
WAKE pins (including RTS0/1)
Deep Sleep
PSM idle, Long eDRX idle duration, radio-off,
airplane
WAKE pins (including RTS0/1)
PVDD_1V8 BIDIR Pads State in Deep Sleep Mode
In Deep Sleep Mode the Digital PVDD_1V8 bi-directional IOs are completely powered off and can be seen
as 50 MOhm high-impedance from the outside.
PMU_5V IN Pads State in Deep Sleep Mode
In Deep Sleep Mode the Digital PMU_5V inputs are completely powered off and can be seen as 180 MOhm
high-impedance from the outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com