Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RYZ024A Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp RYZ024A Datasheet HTML 20Page - Renesas Technology Corp RYZ024A Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 17 of 38
Nov.14.22
Mechanical Characteristics
Package Description
The package size with tolerance is:
(16.3 ± 0.15) mm x (17.0 ± 0.15) mm x (1.85 max) mm. Maximum warpage is 0.13 mm (as per JEITA
ED7306). The weight of the RYZ024A is 0.85 g.
Figure 9. RYZ024A Top and Side Views
Figure 10. RYZ024A PCB View
Table 26. RYZ024A Dimensions (mm)
Dimension
Value (mm)
L
16.3 ± 0.15
W
17.0 ± 0.15
T
1.85 max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com