Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 4Page - STMicroelectronics M24256X-F Datasheet HTML 5Page - STMicroelectronics M24256X-F Datasheet HTML 6Page - STMicroelectronics M24256X-F Datasheet HTML 7Page - STMicroelectronics M24256X-F Datasheet HTML 8Page - STMicroelectronics M24256X-F Datasheet HTML 9Page - STMicroelectronics M24256X-F Datasheet HTML 10Page - STMicroelectronics M24256X-F Datasheet HTML 11Page - STMicroelectronics M24256X-F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Sending more than one byte abort the write cycle (SWP register content does not change).
The description of the software write protection register is given in the table below:
Table 4. Software write protection register
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
x (1)
x(1)
x(1)
x(1)
WPA
BP1
BP0
WPL
1. x = Don’t care bits, read as 0.
Note:
Factory delivery of the register is 00000000b.
Bits
b7:b4
Don’t care bits - Read as '0'. (b7, b6, b5, b4) = (0, 0, 0, 0)
Bit b3
WPA: write protect activation bit.
b3 enables or disables the write protection:
•
b3 = 0: no write protection. The whole memory can be written.
•
b3 = 1: write protection active. The memory block is protected according to BP bits setting.
Bits
b2:b1
BP1, BP0: block protection bits
b2 and b1 define the size of the memory block to be protected against write instruction:
•
(b2, b1) = (0, 0): the upper quarter of memory is write-protected
•
(b2, b1) = (0, 1): the upper half of memory is write protected
•
(b2, b1) = (1, 0): the upper ¾ of memory is write protected
•
(b2, b1) = (1, 1): the whole memory is write protected
Bit b0
WPL: write protect lock bit
b0 locks the write protection register value.
•
b0 = 0: bits [b3: b0] can be modified
•
b0 = 1: bits [b3: b0] cannot be modified and therefore the write protection register is frozen.
Note:
bits b3 to b0 can be updated (if b0 = 0) in the same write instruction. Setting b0 from 0 to 1 is an
irreversible action.
M24256X-F
Software write protection register (SWP)
DS12380 - Rev 2
page 8/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com