Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 25Page - STMicroelectronics M24256X-F Datasheet HTML 26Page - STMicroelectronics M24256X-F Datasheet HTML 27Page - STMicroelectronics M24256X-F Datasheet HTML 28Page - STMicroelectronics M24256X-F Datasheet HTML 29Page - STMicroelectronics M24256X-F Datasheet HTML 30Page - STMicroelectronics M24256X-F Datasheet HTML 31Page - STMicroelectronics M24256X-F Datasheet HTML 32Page - STMicroelectronics M24256X-F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Table 15. AC characteristics in Fast-mode
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
ns
tQL1QL2(1)
tF
SDA (out) fall time
20
300
ns
tXH1XH2
tR
Input signal rise time
(2)
(2)
ns
tXL1XL2
tF
Input signal fall time
(2)
(2)
ns
tDXCH
tSU:DAT Data in set up time
100
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX (3)
tDH
Data out hold time
100
-
ns
tCLQV (4)
tAA
Clock low to next data valid (access time)
-
900
ns
tCHDL
tSU:STA
Start condition setup time
600
-
ns
tDLCL
tHD:STA Start condition hold time
600
-
ns
tCHDH
tSU:STO Stop condition set up time
600
-
ns
tDHDL
tBUF
Time between Stop condition and next Start condition
1300
-
ns
tW
tWR
Write cycle time
-
5
ms
tNS(1)
-
Pulse width ignored (input filter on SCL and SDA) - single glitch
-
50
ns
tWU(1)
-
Wake up time(5)
-
5
μs
1. Evaluated by characterization – Not tested in production.
2. There are no minimum or maximum values for the input signal rise and fall times. It is however recommended by the I²C
specification that the input signal rise and fall times be more than 20 ns and less than 300 ns when fC < 400 kHz.
3. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL = 1 and the falling or rising edge of
SDA.
4. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3 VCC or 0.7 VCC, assuming
that Rbus × Cbus time constant is within the values specified in Figure 16.
5. Wake up time: Delay between the VCCmin stable and the first accepted command.
M24256X-F
DC and AC parameters
DS12380 - Rev 2
page 29/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com