Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 27Page - STMicroelectronics M24256X-F Datasheet HTML 28Page - STMicroelectronics M24256X-F Datasheet HTML 29Page - STMicroelectronics M24256X-F Datasheet HTML 30Page - STMicroelectronics M24256X-F Datasheet HTML 31Page - STMicroelectronics M24256X-F Datasheet HTML 32Page - STMicroelectronics M24256X-F Datasheet HTML 33Page - STMicroelectronics M24256X-F Datasheet HTML 34Page - STMicroelectronics M24256X-F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Figure 16. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum
frequency fC = 400 kHz
1
30
4
Bus line capacitor (pF)
10
100
1000
10
100
The Rbus x Cbus time
constant must be below
the 400 ns time constant
line represented on the left
R
bus x
C
bus =
400
ns
Here Rbus x Cbus= 120 ns
I²C bus
master
M24xxx
Rbus
SCL
Cbus
VCC
SDA
Figure 17. Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at fC = 1MHz
The Rbus x Cbus time
constant must be below
the 150 ns time
constant line
represented on the left
I²C bus
master
M24xxx
Rbus
SCL
Cbus
VCC
SDA
1
10
100
4
30
Bus line capacitor (pF)
10
100
R
bus x C
bus = 150
ns
Here Rbus x Cbus = 120 ns
M24256X-F
DS12380 - Rev 2
page 31/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com