Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 9Page - STMicroelectronics M24256X-F Datasheet HTML 10Page - STMicroelectronics M24256X-F Datasheet HTML 11Page - STMicroelectronics M24256X-F Datasheet HTML 12Page - STMicroelectronics M24256X-F Datasheet HTML 13Page - STMicroelectronics M24256X-F Datasheet HTML 14Page - STMicroelectronics M24256X-F Datasheet HTML 15Page - STMicroelectronics M24256X-F Datasheet HTML 16Page - STMicroelectronics M24256X-F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.1.1
Byte write
After the device select code and the address bytes with the MSB bit A15 equal to 0, the bus master sends one
data byte. If the addressed location is write-protected, the device replies with no ACK, and the location is not
modified, as shown in Figure 6. If, instead, the addressed location is not write-protected, the device replies with
ACK. The bus master terminates the transfer by generating a stop condition, as shown in Figure 5.
Figure 5. Write mode sequence with data write enabled
Byte Write
Dev sel
Byte addr
Byte addr
Data in
Page Write
Dev sel
Byte addr
Byte addr
Data in 1
Data in 2
Page Write (cont'd)
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
M24256X-F
Write operations on memory array
DS12380 - Rev 2
page 13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com