Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 29Page - STMicroelectronics M24256X-F Datasheet HTML 30Page - STMicroelectronics M24256X-F Datasheet HTML 31Page - STMicroelectronics M24256X-F Datasheet HTML 32Page - STMicroelectronics M24256X-F Datasheet HTML 33Page - STMicroelectronics M24256X-F Datasheet HTML 34Page - STMicroelectronics M24256X-F Datasheet HTML 35Page - STMicroelectronics M24256X-F Datasheet HTML 36Page - STMicroelectronics M24256X-F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
WLCSP4 (CU) package information
WLCSP4 is a 4 bumps, 0.703 x 0.977 mm, 0.4 x 0.5 mm pitch thin wafer level chip scale package.
Figure 19. WLCSP4 (CU) - Outline
Orientation reference
E
D
Orientation reference
F
DETAIL A
G
e
e1
BUMP SIDE
SIDE VIEW
TOP VIEW
A2
A3
A
A1
BACKSIDE
PROTECTION
b
SEATING PLANE
ccc
Y
ddd
Z
Z
X
b
M
M
eee Z
A1
aaa
(2X)
bbb
//
Z
aaa
(2X)
X
Y
Z
DETAIL A
ROTATED 90
1.
Drawing is not to scale
M24256X-F
Package information
DS12380 - Rev 2
page 33/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com