Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 33Page - STMicroelectronics M24256X-F Datasheet HTML 34Page - STMicroelectronics M24256X-F Datasheet HTML 35Page - STMicroelectronics M24256X-F Datasheet HTML 36Page - STMicroelectronics M24256X-F Datasheet HTML 37Page - STMicroelectronics M24256X-F Datasheet HTML 38Page - STMicroelectronics M24256X-F Datasheet HTML 39Page - STMicroelectronics M24256X-F Datasheet HTML 40Page - STMicroelectronics M24256X-F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Revision history
Table 20. Document revision history
Date
Revision Changes
12
‑Dec‑2020
1
Initial release
28-Jul-2021
2
Updated Section 2.2 Serial data (SDA), Section 2.4.2 Power-up conditions,
Section 4.2 Configurable device address register (CDA), Section 4.3 Software write protection
register (SWP), Section 5.2 Stop condition, Section 6.5 Read operations on memory
array, Section 6.6 Read identification page, Section 6.7 Read operations on configurable
device address register, Section 6.8 Read operations on software write protection register,
Section 7 Initial delivery state and Section 11 Ordering information.
Updated Table 5. Device address, Table 6. First byte address, Table 7. Second byte address,
Table 15. AC characteristics in Fast-mode and Table 16. AC characteristics in Fast-mode plus.
Updated note 1 in Table 8. Absolute maximum ratings, note 1 in Table 11. Input parameters and note
1 in Table 14. DC characteristics.
Removed note 2 in Table 13. Memory cell data retention.
Minor text edits across the whole document.
M24256X-F
DS12380 - Rev 2
page 37/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com