Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 31Page - STMicroelectronics M24256X-F Datasheet HTML 32Page - STMicroelectronics M24256X-F Datasheet HTML 33Page - STMicroelectronics M24256X-F Datasheet HTML 34Page - STMicroelectronics M24256X-F Datasheet HTML 35Page - STMicroelectronics M24256X-F Datasheet HTML 36Page - STMicroelectronics M24256X-F Datasheet HTML 37Page - STMicroelectronics M24256X-F Datasheet HTML 38Page - STMicroelectronics M24256X-F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
11
Ordering information
Table 18. Ordering information scheme
Example:
M24
256X
- F
CU
6
T
/V
F
Device type
M24 = I2C serial access EEPROM
Device function
256X = 256 Kbit (32 K x 8 bit)
Operating voltage
F = VCC = 1.6 to 3.6 V
Package (1)
CU = WLCSP thin
Device grade
6 = Industrial: device tested with standard test flow over -40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Process
/V = Manufacturing technology code
Option
Blank = No back side coating
F = Back side coating
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
M24256X-F
Ordering information
DS12380 - Rev 2
page 35/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com