Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256X-F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 15Page - STMicroelectronics M24256X-F Datasheet HTML 16Page - STMicroelectronics M24256X-F Datasheet HTML 17Page - STMicroelectronics M24256X-F Datasheet HTML 18Page - STMicroelectronics M24256X-F Datasheet HTML 19Page - STMicroelectronics M24256X-F Datasheet HTML 20Page - STMicroelectronics M24256X-F Datasheet HTML 21Page - STMicroelectronics M24256X-F Datasheet HTML 22Page - STMicroelectronics M24256X-F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
6.4
Write operations on software write protection register (SWP)
Write operations on SWP register are performed according to the state of the write protect lock bit (WPL).
When WPL bit is set to '1', the SWP register is in read-only mode. When WPL bit is set to '0', the user can update
the SWP register value.
Following a start condition the bus master sends a device select code with the R/W bit (RW) set to 0. The device
acknowledges this, as shown in Figure 10, and waits for the address bytes where the SWP register is located.
The device responds to each address byte with an acknowledge bit, and then waits for the data byte. See in
Section 5.5 Device addressing (Table 5, Table 6 and Table 7) how to address the software write protection
register.
When the bus master generates a stop condition immediately after the data byte ACK bit (in the tenth bit time
slot), the internal write cycle tW is triggered. A stop condition at any other time slot does not trigger the internal
write cycle.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests (no ACK).
Sending more than one byte aborts the write cycle (write protection register content is unchanged).
If the software write protection register is write protected (WPL=1), the write operation on this register is not
executed and the accompanying data bytes are not acknowledged as shown in Figure 11.
Figure 10. Write sequence on software write protection register
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
ACK
Figure 11. Write sequence on software write protection register with SWP = 1
Dev sel
Byte addr
Byte addr
Data in
ACK
RW
ACK
ACK
NoACK
M24256X-F
Write operations on software write protection register (SWP)
DS12380 - Rev 2
page 19/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com