Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA5022IP Datasheet HTML 1Page - Renesas Technology Corp HA5022IP Datasheet HTML 2Page - Renesas Technology Corp HA5022IP Datasheet HTML 3Page - Renesas Technology Corp HA5022IP Datasheet HTML 4Page - Renesas Technology Corp HA5022IP Datasheet HTML 5Page - Renesas Technology Corp HA5022IP Datasheet HTML 6Page - Renesas Technology Corp HA5022IP Datasheet HTML 7Page - Renesas Technology Corp HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 3 of 16
May 2003
-IN Power Supply Rejection
3.5V  VS  6.5V
A
25
-
-
0.2
A/V
AFull
-
-
0.5
A/V
Input Noise Voltage
f = 1kHz
B
25
-
4.5
-
nV/
Hz
+Input Noise Current
f = 1kHz
B
25
-
2.5
-
pA/
Hz
-Input Noise Current
f = 1kHz
B
25
-
25.0
-
pA/
Hz
TRANSFER CHARACTERISTICS
Transimpedance
Note 16
A
25
1.0
-
-
M
AFull
0.85
-
-
M
Open Loop DC Voltage Gain
RL = 400, VOUT = 2.5V
A
25
70
-
-
dB
AFull
65
-
-
dB
Open Loop DC Voltage Gain
RL = 100, VOUT = 2.5V
A
25
50
-
-
dB
AFull
45
-
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150
A
25
2.5
3.0
-
V
AFull
2.5
3.0
-
V
Output Current
RL = 150
BFull
16.6
20.0
-
mA
Output Current, Short Circuit
VIN = 2.5V, VOUT = 0V
A
Full
40
60
-
mA
Output Current, Disabled
VOUT = 2.5V, VIN = 0V,
DISABLE = 0V
AFull
-
-
2
A
Output Disable Time
Note 12
B
25
-
40
-
s
Output Enable Time
Note 13
B
25
-
40
-
ns
Output Capacitance, Disabled
Note 14
B
25
-
15
-
pF
POWER SUPPLY CHARACTERISTICS
Supply Voltage Range
A
25
5
-
15
V
Quiescent Supply Current
A
Full
-
7.5
10
mA/Op Amp
Supply Current, Disabled
DISABLE = 0V
A
Full
-
5
7.5
mA/Op Amp
Disable Pin Input Current
DISABLE = 0V
A
Full
-
1.0
1.5
mA
Minimum Pin 8 Current to Disable
Note 6
A
Full
350
-
-
A
Maximum Pin 8 Current to Enable
Note 7
A
Full
-
-
20
A
AC CHARACTERISTICS
(AV = +1)
Slew Rate
Note 8
B
25
275
400
-
V/
s
Full Power Bandwidth
Note 9
B
25
22
28
-
MHz
Rise Time
Note 10
B
25
-
6
-
ns
Fall Time
Note 10
B
25
-
6
-
ns
Propagation Delay
Note 10
B
25
-
6
-
ns
Overshoot
B
25
-
4.5
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
125
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
50
-
ns
Settling Time to 0.25%
2V Output Step
B
25
-
75
-
ns
Electrical Specifications
VSUPPLY = 5V, RF = 1k, AV = +1, RL = 400 CL 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
(NOTE 11)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com