Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp HA5022IP Datasheet HTML 10Page - Renesas Technology Corp HA5022IP Datasheet HTML 11Page - Renesas Technology Corp HA5022IP Datasheet HTML 12Page - Renesas Technology Corp HA5022IP Datasheet HTML 13Page - Renesas Technology Corp HA5022IP Datasheet HTML 14Page - Renesas Technology Corp HA5022IP Datasheet HTML 15Page - Renesas Technology Corp HA5022IP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 12 of 16
May 2003
FIGURE 23. PROPAGATION DELAY vs TEMPERATURE
FIGURE 24. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 25. SLEW RATE vs TEMPERATURE
FIGURE 26. NON-INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 27. INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 28. INPUT NOISE CHARACTERISTICS
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100
VOUT = 1.0VP-P
AV = +10, RF = 383
AV = +2, RF = 681
AV = +1, RF =1k
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
VOUT = 2VP-P
+ SLEW RATE
- SLEW RATE
FREQUENCY (MHz)
510
15
20
25
30
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VOUT = 0.2VP-P
CL = 10pF
AV= +2, RF = 681
AV= +5, RF = 1k
AV = +1, RF = 1k
AV = +10, RF = 383
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
FREQUENCY (MHz)
510
15
20
25
30
VOUT = 0.2VP-P
CL = 10pF
AV = -1
AV = -2
AV = -5
AV = -10
RF = 750
FREQUENCY (kHz)
0.01
0.1
1
10
100
100
80
60
40
20
0
1000
800
600
400
200
0
AV = +10, RF = 383
-INPUT NOISE CURRENT
+INPUT NOISE CURRENT
INPUT NOISE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com