Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp HA5022IP Datasheet HTML 10Page - Renesas Technology Corp HA5022IP Datasheet HTML 11Page - Renesas Technology Corp HA5022IP Datasheet HTML 12Page - Renesas Technology Corp HA5022IP Datasheet HTML 13Page - Renesas Technology Corp HA5022IP Datasheet HTML 14Page - Renesas Technology Corp HA5022IP Datasheet HTML 15Page - Renesas Technology Corp HA5022IP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 14 of 16
May 2003
FIGURE 35. SUPPLY CURRENT vs DISABLE INPUT VOLTAGE
FIGURE 36. OUTPUT SWING vs TEMPERATURE
FIGURE 37. OUTPUT SWING vs LOAD RESISTANCE
FIGURE 38. INPUT OFFSET VOLTAGE CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 39. INPUT BIAS CURRENT CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 40. DISABLE SUPPLY CURRENT vs SUPPLY
VOLTAGE
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified (Continued)
1
02
3
4
5
6
7
8
9 10 11 12 13 14 15
DISABLE INPUT VOLTAGE (V)
40
30
20
10
0
+5V
+10V
+15V
4.0
3.8
3.6
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
0.01
0.10
1.00
10.00
30
20
10
0
LOAD RESISTANCE (k
)
VS = 15V
VS = 10V
VS = 4.5V
-60
-40
-20
0
40
60
80
100
120
140
20
1.2
1.1
1.0
0.9
0.8
TEMPERATURE (oC)
-60
-40
-20
1.5
1.0
0.5
0.0
TEMPERATURE (oC)
40
60
80
100
120
140
20
0
3
4
5
6
7
8
910
1112
13
14
15
30
25
20
15
10
5
SUPPLY VOLTAGE (
V)
-55oC
25oC
125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com