Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA5022IP Datasheet HTML 1Page - Renesas Technology Corp HA5022IP Datasheet HTML 2Page - Renesas Technology Corp HA5022IP Datasheet HTML 3Page - Renesas Technology Corp HA5022IP Datasheet HTML 4Page - Renesas Technology Corp HA5022IP Datasheet HTML 5Page - Renesas Technology Corp HA5022IP Datasheet HTML 6Page - Renesas Technology Corp HA5022IP Datasheet HTML 7Page - Renesas Technology Corp HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN3392 Rev.7.00
Page 1 of 16
May 2003
FN3392
Rev.7.00
May 2003
HA5022
Dual, 125MHz, Video Current Feedback Amplifier with Disable
DATASHEET
HA5022
Dual, 125MHz, Video Current Feedback
Amplifier with Disable
The HA5022 is a dual version of the popular Intersil HA5020.
It features wide bandwidth and high slew rate, and is
optimized for video applications and gains between 1 and
10. It is a current feedback amplifier and thus yields less
bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
cables, make this
amplifier ideal for demanding video applications.
The HA5022 also features a disable function that
significantly reduces supply current while forcing the output
to a true high impedance state. This functionality allows 2:1
video multiplexers to be implemented with a single IC.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
Features
• Dual Version of HA-5020
• Individual Output Enable/Disable
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . .800
V
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
s
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
5V Supplies
Applications
• Video Multiplexers; Video Switching and Routing
•Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
Pinout
HA5022 (PDIP, SOIC)
TOP VIEW
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA5022IP
-40 to 85
16 Ld PDIP
E16.3
HA5022IB
-40 to 85
16 Ld SOIC
M16.15
HA5022EVAL
High Speed Op Amp DIP Evaluation Board
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
-IN1
+IN1
DIS1
V-
DIS2
+IN2
NC
-IN2
OUT1
NC
V+
NC
NC
OUT2
NC
NC
+
-
+-
OBSOLETE PRO
DUCT
POSSIBLE SUB
STITUTE PRODU
CT
HFA1245


Similar Part No. - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022IP INTERSIL-HA5022IP Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5022IP INTERSIL-HA5022IP Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results

Similar Description - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com