Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA5022IP Datasheet HTML 6Page - Renesas Technology Corp HA5022IP Datasheet HTML 7Page - Renesas Technology Corp HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp HA5022IP Datasheet HTML 10Page - Renesas Technology Corp HA5022IP Datasheet HTML 11Page - Renesas Technology Corp HA5022IP Datasheet HTML 12Page - Renesas Technology Corp HA5022IP Datasheet HTML 13Page - Renesas Technology Corp HA5022IP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 10 of 16
May 2003
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified
FIGURE 11. NON-INVERTING FREQUENCY RESPONSE
FIGURE 12. INVERTING FREQUENCY RESPONSE
FIGURE 13. PHASE RESPONSE AS A FUNCTION OF
FREQUENCY
FIGURE 14. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 15. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 16. BANDWIDTH AND GAIN PEAKING vs LOAD
RESISTANCE
5
4
3
2
1
0
-1
-2
-3
-4
-5
FREQUENCY (MHz)
2
10
100
200
VOUT = 0.2VP-P
CL = 10pF
AV = +1, RF = 1k
AV = 2, RF = 681
AV = 5, RF = 1k
AV = 10, RF = 383
5
4
3
2
1
0
-1
-2
-3
-4
-5
2
10
100
200
FREQUENCY (MHz)
VOUT = 0.2VP-P
CL = 10pF
RF = 750
AV = -1
AV = -2
AV = -10
AV = -5
FREQUENCY (MHz)
2
10
100
200
0
-45
-90
-135
-100
-225
-270
-315
-360
180
135
90
0
-45
-90
-135
45
-180
VOUT = 0.2VP-P
CL = 10pF
AV = +10, RF = 383
AV = -10, RF = 750
AV = -1, RF = 750
AV = +1, RF = 1k
FEEDBACK RESISTOR (
)
500
700
900
1100
1300
1500
140
130
120
10
5
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1
FEEDBACK RESISTOR (
)
100
95
90
0
350
500
650
800
950
1100
-3dB BANDWIDTH
GAIN PEAKING
VOUT = 0.2VP-P
CL = 10pF
AV = +2
5
10
LOAD RESISTOR (
)
130
120
110
100
90
80
0
200
400
600
800
1000
6
4
2
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com