Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA5022IP Datasheet HTML 4Page - Renesas Technology Corp HA5022IP Datasheet HTML 5Page - Renesas Technology Corp HA5022IP Datasheet HTML 6Page - Renesas Technology Corp HA5022IP Datasheet HTML 7Page - Renesas Technology Corp HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp HA5022IP Datasheet HTML 10Page - Renesas Technology Corp HA5022IP Datasheet HTML 11Page - Renesas Technology Corp HA5022IP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 8 of 16
May 2003
the amplifier output assumes a true high impedance state and
the supply current is reduced significantly.
The circuit shown in Figure 8 is a simplified schematic of the
enable/disable function. The large value resistors in series with
the DISABLE pin makes it appear as a current source to the
driver. When the driver pulls this pin low current flows out of
the pin and into the driver. This current, which may be as large
as 350
A when external circuit and process variables are at
their extremes, is required to insure that point “A” achieves the
proper potential to disable the output. The driver must have the
compliance and capability of sinking all of this current.
When VCC is +5V the DISABLE pin may be driven with a
dedicated TTL gate. The maximum low level output voltage of
the TTL gate, 0.4V, has enough compliance to insure that the
amplifier will always be disabled even though D1 will not turn
on, and the TTL gate will sink enough current to keep point “A”
at its proper voltage. When VCC is greater than +5V the
DISABLE pin should be driven with an open collector device
that has a breakdown rating greater than VCC.
Referring to Figure 8, it can be seen that R6 will act as a pull-
up resistor to +VCC if the DISABLE pin is left open. In those
cases where the enable/disable function is not required on all
circuits some circuits can be permanently enabled by letting
the DISABLE pin float. If a driver is used to set the
enable/disable level, be sure that the driver does not sink more
than 20
A when the DISABLE pin is at a high level. TTL gates,
especially CMOS versions, do not violate this criteria so it is
permissible to control the enable/disable function with TTL.
Typical Applications
Two Channel Video Multiplexer
Referring to the amplifier U1A in Figure 9, R1 terminates the
cable in its characteristic impedance of 75
, and R4 back
terminates the cable in its characteristic impedance. The
amplifier is set up in a gain configuration of +2 to yield an
overall network gain of +1 when driving a double terminated
cable. The value of R3 can be changed if a different network
gain is desired. R5 holds the disable pin at ground thus
inhibiting the amplifier until the switch, S1, is thrown to position
1. At position 1 the switch pulls the disable pin up to the plus
supply rail thereby enabling the amplifier. Since all of the actual
signal switching takes place within the amplifier, it’s differential
gain and phase parameters, which are 0.03% and 0.03
degrees respectively, determine the circuit’s performance. The
other circuit, U1B, operates in a similar manner.
When the plus supply rail is 5V the disable pin can be driven by
a dedicated TTL gate as discussed earlier. If a multiplexer IC
or its equivalent is used to select channels its logic must be
break before make. When these conditions are satisfied the
HA5022 is often used as a remote video multiplexer, and the
multiplexer may be extended by adding more amplifier ICs.
Low Impedance Multiplexer
Two common problems surface when you try to multiplex
multiple high speed signals into a low impedance source such
as an A/D converter. The first problem is the low source
impedance which tends to make amplifiers oscillate and
causes gain errors. The second problem is the multiplexer
which supplies no gain, introduces all kinds of distortion and
limits the frequency response. Using op amps which have an
enable/disable function, such as the HA5022, eliminates the
multiplexer problems because the external mux chip is not
needed, and the HA5022 can drive low impedance (large
capacitance) loads if a series isolation resistor is used.
Referring to Figure 10, both inputs are terminated in their
characteristic impedance; 75
 is typical for video applications.
Since the drivers usually are terminated in their characteristic
impedance the input gain is 0.5, thus the amplifiers, U2, are
configured in a gain of +2 to set the circuit gain equal to one.
Resistors R2 and R3 determine the amplifier gain, and if a
different gain is desired R2 should be changed according to the
equation G = (1 + R3/R2). R3 sets the frequency response of
the amplifier so you should refer to the manufacturers data
sheet before changing its value. R5, C1 and D1 are an
asymmetrical charge/discharge time circuit which configures
U1 as a break before make switch to prevent both amplifiers
from being active simultaneously. If this design is extended to
more channels the drive logic must be designed to be break
before make. R4 is enclosed in the feedback loop of the
amplifier so that the large open loop amplifier gain of U2 will
present the load with a small closed loop output impedance
while keeping the amplifier stable for all values of load
capacitance.
The circuit shown in Figure 10 was tested for the full range of
capacitor values with no oscillations being observed; thus,
problem one has been solved.The frequency and gain
characteristics of the circuit are now those of the amplifier
independent of any multiplexing action; thus, problem two has
been solved. The multiplexer transition time is approximately
15
s with the component values shown.
R6
15K
R7
15K
V+
ENABLE/DISABLE INPUT
D1
QP3
R8
QP18
A
R33
R10
FIGURE 8. SIMPLIFIED SCHEMATIC OF ENABLE/DISABLE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com