Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA5022IP Datasheet HTML 1Page - Renesas Technology Corp HA5022IP Datasheet HTML 2Page - Renesas Technology Corp HA5022IP Datasheet HTML 3Page - Renesas Technology Corp HA5022IP Datasheet HTML 4Page - Renesas Technology Corp HA5022IP Datasheet HTML 5Page - Renesas Technology Corp HA5022IP Datasheet HTML 6Page - Renesas Technology Corp HA5022IP Datasheet HTML 7Page - Renesas Technology Corp HA5022IP Datasheet HTML 8Page - Renesas Technology Corp HA5022IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 4 of 16
May 2003
AC CHARACTERISTICS
(AV = +2, RF = 681)
Slew Rate
Note 8
B
25
-
475
-
V/
s
Full Power Bandwidth
Note 9
B
25
-
26
-
MHz
Rise Time
Note 10
B
25
-
6
-
ns
Fall Time
Note 10
B
25
-
6
-
ns
Propagation Delay
Note 10
B
25
-
6
-
ns
Overshoot
B
25
-
12
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
95
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
50
-
ns
Settling Time to 0.25%
2V Output Step
B
25
-
100
-
ns
Gain Flatness
5MHz
B
25
-
0.02
-
dB
20MHz
B
25
-
0.07
-
dB
AC CHARACTERISTICS
(AV = +10, RF = 383)
Slew Rate
Note 8
B
25
350
475
-
V/
s
Full Power Bandwidth
Note 9
B
25
28
38
-
MHz
Rise Time
Note 10
B
25
-
8
-
ns
Fall Time
Note 10
B
25
-
9
-
ns
Propagation Delay
Note 10
B
25
-
9
-
ns
Overshoot
B
25
-
1.8
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
65
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
75
-
ns
Settling Time to 0.1%
2V Output Step
B
25
-
130
-
ns
VIDEO CHARACTERISTICS
Differential Gain (Note 15)
RL = 150
B25
-
0.03
-
%
Differential Phase (Note 15)
RL = 150
B
25
-
0.03
-
Degrees
NOTES:
5. VCM = 2.5V. At -40oC Product is tested at VCM = 2.25V because short test duration does not allow self heating.
6. RL = 100, VIN = 2.5V. This is the minimum current which must be pulled out of the Disable pin in order to disable the output. The output is
considered disabled when -10mV
 VOUT  +10mV.
7. VIN = 0V. This is the maximum current that can be pulled out of the Disable pin with the HA5022 remaining enabled. The HA5022 is
considered disabled when the supply current has decreased by at least 0.5mA.
8. VOUT switches from -2V to +2V, or from +2V to -2V. Specification is from the 25% to 75% points.
9.
.
10. RL = 100, VOUT = 1V. Measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay.
11. A. Production Tested; B. Typical or Guaranteed Limit based on characterization; C. Design Typical for information only.
12. VIN = +2V, DISABLE = +5V to 0V. Measured from the 50% point of DISABLE to VOUT = 0V.
13. VIN = +2V, DISABLE = 0V to +5V. Measured from the 50% point of DISABLE to VOUT = 2V.
14. VIN = 0V, Force VOUT from 0V to 2.5V, tR = tF = 50ns, DISABLE = 0V.
15. Measured with a VM700A video tester using an NTC-7 composite VITS.
16. VOUT = 2.5V. At -40oC Product is tested at VOUT = 2.25V because short test duration does not allow self heating.
Electrical Specifications
VSUPPLY = 5V, RF = 1k, AV = +1, RL = 400 CL 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
(NOTE 11)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
FPBW
Slew Rate
2
VPEAK
-----------------------------
;VPEAK 2V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com