Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC750EC/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 24Page - NXP Semiconductors MPC750EC/D Datasheet HTML 25Page - NXP Semiconductors MPC750EC/D Datasheet HTML 26Page - NXP Semiconductors MPC750EC/D Datasheet HTML 27Page - NXP Semiconductors MPC750EC/D Datasheet HTML 28Page - NXP Semiconductors MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
MPC750A RISC Microprocessor Hardware Specifications
Pinout Listings
L2WE
N16
Low
Output
L2ZZ
G17
High
Output
LSSD_MODE1
F9
Low
Input
MCP
B11
Low
Input
NC (No–Connect)
B3, B4, B5, A19, W19, W1, K9, K114, K194
——
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4, R6, R9, R11,
T5, T8, T12
——
PLL_CFG[0–3]
A4, A5, A6, A7
High
Input
QACK
B2
Low
Input
QREQ
J3
Low
Output
RSRV
D3
Low
Output
SMI
A12
Low
Input
SRESET
E10
Low
Input
SYSCLK
H9
—
Input
TA
F1
Low
Input
TBEN
A2
High
Input
TBST
A11
Low
I/O
TCK
B10
High
Input
TDI
B7
High
Input
TDO
D9
High
Output
TEA
J1
Low
Input
TLBISYNC
A3
Low
Input
TMS
C8
High
Input
TRST
A10
Low
Input
TS
K7
Low
I/O
TSIZ[0–2]
A9, B9, C9
High
Output
TT[0–4]
C10, D11, B12, C12, F11
High
I/O
WT
C3
Low
Output
VDD 2
G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
—
—
VOLTDET 3
K13
High
Output
Notes:
1. These are test signals for factory use only and must be pulled up to OVdd for normal machine operation.
2. OVdd inputs supply power to the I/O drivers and Vdd inputs supply power to the processor core.
3. Internally tied to L2OVDD in the MPC750 CBGA package to indicate the power present at the L2 cache interface.
This signal is not a power supply input.
Caution: This is different from the MPC740 CBGA package.
4. These pins are reserved for potential future use as additional L2 address pins.
Table 16. Pinout Listing for the MPC750, 360 CBGA Package (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com