Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC750EC/D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 3Page - NXP Semiconductors MPC750EC/D Datasheet HTML 4Page - NXP Semiconductors MPC750EC/D Datasheet HTML 5Page - NXP Semiconductors MPC750EC/D Datasheet HTML 6Page - NXP Semiconductors MPC750EC/D Datasheet HTML 7Page - NXP Semiconductors MPC750EC/D Datasheet HTML 8Page - NXP Semiconductors MPC750EC/D Datasheet HTML 9Page - NXP Semiconductors MPC750EC/D Datasheet HTML 10Page - NXP Semiconductors MPC750EC/D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
7
Electrical and Thermal Characteristics
Figure 2 shows the allowable undershoot and overshoot voltage on the MPC750.
Figure 2. Overshoot/Undershoot Voltage
Table 3 provides the recommended operating conditions for the MPC750.
L2 bus supply voltage
L2OVdd
–0.3 to 3.6
V
3,5
Input voltage
Vin
–0.3 to 3.6
V
2
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings
only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect
device reliability or cause permanent damage to the device.
2.
Caution: Vin must not exceed OVdd/L2OVdd by more than 0.3V at any time including during power-on
reset.
3.
Caution: OVdd/L2OVdd must not exceed Vdd/AVdd by more than 1.2V at any time including during
power-on reset.
4.
Caution: Vdd/AVdd/L2AVdd must not exceed OVdd/L2OVdd by more than 0.4V at any time including
during power-on reset.
5. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2
Table 3. Recommended Operating Conditions
Characteristic
Symbol
MPC750A Value
Unit
Notes
Core supply voltage
Vdd
2.6 ± 100mv
V
PLL supply voltage
AVdd
2.6 ± 100mv
V
L2 DLL supply voltage
L2AVdd
2.6 ± 100mv
V
60x bus supply voltage
OVdd
3.135 to 3.465
V
Table 2. Absolute Maximum Ratings (Continued)
Characteristic
Symbol
MPC750A Value
Unit
Notes
VIH
Gnd
Gnd - .3V
Gnd - 1.0V
Not to exceed 10%
4V
VIL
(L2)OVdd
(L2)OVdd + 5%
of tSYSCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com