Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC750EC/D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 6Page - NXP Semiconductors MPC750EC/D Datasheet HTML 7Page - NXP Semiconductors MPC750EC/D Datasheet HTML 8Page - NXP Semiconductors MPC750EC/D Datasheet HTML 9Page - NXP Semiconductors MPC750EC/D Datasheet HTML 10Page - NXP Semiconductors MPC750EC/D Datasheet HTML 11Page - NXP Semiconductors MPC750EC/D Datasheet HTML 12Page - NXP Semiconductors MPC750EC/D Datasheet HTML 13Page - NXP Semiconductors MPC750EC/D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
MPC750A RISC Microprocessor Hardware Specifications
Electrical and Thermal Characteristics
1.4.2 AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC750. After fabrication, parts are sorted
by maximum processor core frequency as shown in Section 1.4.2.1, “Clock AC Specifications,” and tested
for conformance to the AC specifications for that frequency. The processor core frequency is determined
by the bus (SYSCLK) frequency and the settings of the PLL_CFG[0–3] signals. Parts are sold by
maximum processor core frequency; see Section 1.10, “Ordering Information”.
1.4.2.1 Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 3.
Sleep Mode—PLL and DLL Disabled
Typical
30
50
50
mW
1, 3
Maximum
60
100
100
mW
1, 2
Notes:
1. These values apply for all valid 60x bus and L2 bus ratios. The values do not include I/O Supply Power (OVdd and
L2OVdd) or PLL/DLL supply power (AVdd and L2AVdd). OVdd and L2OVdd power is system dependent, but is typically
<10% of Vdd power. Worst case power consumption for AVdd = 15 mW and L2AVdd = 15 mW.
2. Maximum power is measured at Vdd = 2.7V.
3. Typical power is an average value measured at Vdd = AVdd = L2AVdd = 2.6V, OVdd = L2OVdd = 3.3V in a system
executing typical applications and benchmark sequences.
4. Full-On mode is measured using worst-case instruction sequence.
Table 8. Clock AC Timing Specifications
At recommended operating conditions (See Table 3)
Num
Characteristic
200 MHz
233 MHz
266 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
Processor frequency
150
200
150
233
150
266
MHz
VCO frequency
300
400
300
466
300
533
MHz
SYSCLK frequency
25
83.3
25
83.3
25
83.3
MHz
1
1
SYSCLK cycle time
12
40
12
40
12
40
ns
2, 3
SYSCLK rise and fall
time
—2
—2
—2
ns
2
Table 7. Power Consumption for MPC750 (Continued)
Processor (CPU) Frequency
Unit
Notes
200 MHz
233 MHz
266 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com