Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC750EC/D Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 25Page - NXP Semiconductors MPC750EC/D Datasheet HTML 26Page - NXP Semiconductors MPC750EC/D Datasheet HTML 27Page - NXP Semiconductors MPC750EC/D Datasheet HTML 28Page - NXP Semiconductors MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors MPC750EC/D Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
29
Package Description
1.7 Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC740, 255
CBGA packages.
1.7.1 Parameters for the MPC740
The package parameters are as provided in the following list. The package type is 21 x 21 mm, 255-lead
ceramic ball grid array (CBGA).
Package outline
21 x 21 mm
Interconnects
255 (16 x 16 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.45 mm
Maximum module height
3.00 mm
Ball diameter
0.89 mm (35 mil)
1.7.2 Mechanical Dimensions of the MPC740
Figure 16 provides the mechanical dimensions and bottom surface nomenclature of the MPC740, 255
CBGA package.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com