Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 50Page - STMicroelectronics STM32H742AI Datasheet HTML 51Page - STMicroelectronics STM32H742AI Datasheet HTML 52Page - STMicroelectronics STM32H742AI Datasheet HTML 53Page - STMicroelectronics STM32H742AI Datasheet HTML 54Page - STMicroelectronics STM32H742AI Datasheet HTML 55Page - STMicroelectronics STM32H742AI Datasheet HTML 56Page - STMicroelectronics STM32H742AI Datasheet HTML 57Page - STMicroelectronics STM32H742AI Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 357 page
background image
Memory mapping
STM32H742xI/G STM32H743xI/G
54/357
DS12110 Rev 10
4
Memory mapping
Refer to Table 7 for details on STM32H742xI/G flash and SRAM block memory mapping
and to the product line reference manual for information on the boundary addresses for all
STM32H742xI/G peripherals.
Details on STM32H743xGxI/G flash and SRAM block memory mapping and boundary
addresses for all STM32H743xI/G peripherals are given in the product line reference
manual.
Table 7. Flash memory and SRAM memory mapping for STM32H742xI/G
Memory
Size in Kbytes
Start address
RAM area
Backup SRAM
4
0x3880 0000
SRAM4
64
0x3800 0000
SRAM2
16
0x3002 0000
SRAM1
32
0x3000 0000
AXI-SRAM
384
0x2400 0000
DTCM
128
0x2000 0000
Code area
System memory 2
-
0x1FF4 0000
System memory
-
0x1FF0 0000
Flash memory
2048
0x0800 0000
ITCM
64
0x0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com