Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 61Page - STMicroelectronics STM32H742AI Datasheet HTML 62Page - STMicroelectronics STM32H742AI Datasheet HTML 63Page - STMicroelectronics STM32H742AI Datasheet HTML 64Page - STMicroelectronics STM32H742AI Datasheet HTML 65Page - STMicroelectronics STM32H742AI Datasheet HTML 66Page - STMicroelectronics STM32H742AI Datasheet HTML 67Page - STMicroelectronics STM32H742AI Datasheet HTML 68Page - STMicroelectronics STM32H742AI Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 357 page
background image
DS12110 Rev 10
65/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
8
A1
8
C1
E1
9
9
C2
PC14-
OSC32_
IN
(OSC32_
IN)(1)
I/O
FT
-
EVENTOUT
OSC32_IN
9
B1
9
B1
F1
10
10
C1
PC15-
OSC32_
OUT
(OSC32_
OUT)(1)
I/O
FT
-
EVENTOUT
OSC32_
OUT
-
-
-
-
D3
11
11
E2
PI9
I/O
FT_h
-
UART4_RX,
FDCAN1_RX, FMC_D30,
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
E3
12
12
F3
PI10
I/O
FT_h
-
ETH_MII_RX_ER,
FMC_D31, LCD_HSYNC,
EVENTOUT
-
-
-
-
E1
E4
13
13
F4
PI11
I/O
FT
-
LCD_G6,
OTG_HS_ULPI_DIR,
EVENTOUT
WKUP5
-
C2
-
D2
F2
14
14
A17
VSS
S
-
-
-
-
-
D2
-
D1
F3
15
15
E6
VDD
S
-
-
-
-
--
-
-
-
-
-
E1(2)
NC
-
-
-
-
-
--
-
-
-
-
-
F1(3)
VSS
S
-
-
-
-
--
-
-
-
-
-
G2(4)
VSS
S
-
-
-
-
-
-
10
F3
E2
16
16
G4
PF0
I/O
FT_f
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
-
11
E4
H3
17
17
G3
PF1
I/O
FT_f
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
-
12
F4
H2
18
18
G1
PF2
I/O
FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
F2
-
-
19
H1
PI12
I/O
FT
-
LCD_HSYNC,
EVENTOUT
-
-
-
-
F1
-
-
20
H2
PI13
I/O
FT
-
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
-
21
H3
PI14
I/O
FT_h
-
LCD_CLK, EVENTOUT
-
-
-
13
E5
J2
19
22
H4
PF3
I/O
FT_
ha
-
FMC_A3, EVENTOUT
ADC3_INP5
-
-
14
G3
J3
20
23
J5
PF4
I/O
FT_
ha
-
FMC_A4, EVENTOUT
ADC3_INN5,
ADC3_INP9
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com