Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 15Page - STMicroelectronics STM32H742AI Datasheet HTML 16Page - STMicroelectronics STM32H742AI Datasheet HTML 17Page - STMicroelectronics STM32H742AI Datasheet HTML 18Page - STMicroelectronics STM32H742AI Datasheet HTML 19Page - STMicroelectronics STM32H742AI Datasheet HTML 20Page - STMicroelectronics STM32H742AI Datasheet HTML 21Page - STMicroelectronics STM32H742AI Datasheet HTML 22Page - STMicroelectronics STM32H742AI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 357 page
background image
Table 2. STM32H742xI/G and STM32H743xI/G features and peripheral counts
Peripherals
Flash memory in Kbytes
2 x 512 Kbytes
2 x 1 Mbyte
SRAM in
Kbytes
SRAM
mapped onto
AXI bus
384
512
384
512
SRAM1
(D2 domain)
32
128
32
128
SRAM2
(D2 domain)
16
128
16
128
SRAM3
(D2 domain)
-32
-
32
SRAM4
(D3 domain)
64
64
64
64
TCM RAM
in Kbytes
ITCM RAM
(instruction)
64
64
64
64
DTCM RAM
(data)
128
128
128
128
Backup SRAM (Kbytes)
4
FMC
Yes
GPIOs
82
114
131
140
168
82
114
131
140
168
82
114
131
140
168
82
114
131
140
168
Quad-SPI interface
Yes
Ethernet
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com