Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 66Page - STMicroelectronics STM32H742AI Datasheet HTML 67Page - STMicroelectronics STM32H742AI Datasheet HTML 68Page - STMicroelectronics STM32H742AI Datasheet HTML 69Page - STMicroelectronics STM32H742AI Datasheet HTML 70Page - STMicroelectronics STM32H742AI Datasheet HTML 71Page - STMicroelectronics STM32H742AI Datasheet HTML 72Page - STMicroelectronics STM32H742AI Datasheet HTML 73Page - STMicroelectronics STM32H742AI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
70/357
DS12110 Rev 10
32
G4
44
K6
N5
54
57
T4
PC4
I/O
TT_a
-
DFSDM1_CKIN2,
I2S1_MCK,
SPDIFRX1_IN3,
ETH_MII_RXD0/ETH_R
MII_RXD0, FMC_SDNE0,
EVENTOUT
ADC12_INP4,
OPAMP1_
VOUT,
COMP1_INM
33
H4
45
N5
P5
55
58
U4
PC5
I/O
TT_a
-
SAI1_D3,
DFSDM1_DATIN2,
SPDIFRX1_IN4,
SAI4_D3,
ETH_MII_RXD1/ETH_R
MII_RXD1,
FMC_SDCKE0,
COMP1_OUT,
EVENTOUT
ADC12_INN4,
ADC12_INP8,
OPAMP1_
VINM
--
-
N4
-
-
59
G13
VDD
S
-
-
-
-
-
-
-
H12
J9
-
60
R4
VSS
S
-
-
-
-
34
J4
46
M5
R5
56
61
U5
PB0
I/O
FT_a
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N,
DFSDM1_CKOUT,
UART4_CTS, LCD_R3,
OTG_HS_ULPI_D1,
ETH_MII_RXD2,
LCD_G1, EVENTOUT
ADC12_INN5,
ADC12_INP9,
OPAMP1_VINP,
COMP1_INP
35
K4
47
L5
R4
57
62
T5
PB1
I/O
TT_a
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N,
DFSDM1_DATIN1,
LCD_R6,
OTG_HS_ULPI_D2,
ETH_MII_RXD3,
LCD_G0, EVENTOUT
ADC12_INP5,
COMP1_INM
36
G5
48
L6
M6
58
63
R6
PB2
I/O
FT_
ha
-
RTC_OUT, SAI1_D1,
DFSDM1_CKIN1,
SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
SAI4_SD_A,
QUADSPI_CLK,
SAI4_D1, EVENTOUT
COMP1_INP
--
-
-
-
-
64
P5
PI15
I/O
FT
-
LCD_G2, LCD_R0,
EVENTOUT
-
--
-
J4
-
-
65
N6
PJ0
I/O
FT
-
LCD_R7, LCD_R1,
EVENTOUT
-
-
-
-
H5
-
-
66
P6
PJ1
I/O
FT
-
LCD_R2, EVENTOUT
-
-
-
-
-
-
-
67
T6
PJ2
I/O
FT
-
LCD_R3, EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com