Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 76Page - STMicroelectronics STM32H742AI Datasheet HTML 77Page - STMicroelectronics STM32H742AI Datasheet HTML 78Page - STMicroelectronics STM32H742AI Datasheet HTML 79Page - STMicroelectronics STM32H742AI Datasheet HTML 80Page - STMicroelectronics STM32H742AI Datasheet HTML 81Page - STMicroelectronics STM32H742AI Datasheet HTML 82Page - STMicroelectronics STM32H742AI Datasheet HTML 83Page - STMicroelectronics STM32H742AI Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
80/357
DS12110 Rev 10
69
D10
102
E10
D15
121
144
D14
PA10
I/O
FT_u
-
TIM1_CH3,
HRTIM_CHC2,
LPUART1_RX,
USART1_RX,
OTG_FS_ID,
MDIOS_MDIO, LCD_B4,
DCMI_D1, LCD_B1,
EVENTOUT
-
70
C10
103
F13
C15
122
145
E17
PA11
I/O
FT_u
-
TIM1_CH4,
HRTIM_CHD1,
LPUART1_CTS,
SPI2_NSS/I2S2_WS,
UART4_RX,
USART1_CTS/USART1_
NSS, FDCAN1_RX,
OTG_FS_DM, LCD_R4,
EVENTOUT
-
71
B10
104
E13
B15
123
146
E16
PA12
I/O
FT_u
-
TIM1_ETR,
HRTIM_CHD2,
LPUART1_RTS/
LPUART1_DE,
SPI2_SCK/I2S2_CK,
UART4_TX,
USART1_RTS/USART1_
DE, SAI2_FS_B,
FDCAN1_TX,
OTG_FS_DP, LCD_R5,
EVENTOUT
-
72
A10
105
D11
A15
124
147
C15
PA13
(JTMS/SW
DIO)
I/O
FT
-
JTMS-SWDIO,
EVENTOUT
-
73
E7
106
D13
F13
125
148
D17
VCAP
S
-
-
-
-
74
E5
107
-
F12
126
149
-
VSS
S
-
-
-
-
-
-
-
D12
-
-
-
C17
VDDLDO
(8)
--
-
-
75
-
108
-
G13
127
150
K5
VDD
S
-
-
-
-
-
-
-
-
E12
128
151
D16
PH13
I/O
FT_h
-
TIM8_CH1N, UART4_TX,
FDCAN1_TX, FMC_D21,
LCD_G2, EVENTOUT
-
-
-
-
-
E13
129
152
B17
PH14
I/O
FT_h
-
TIM8_CH2N,
UART4_RX,
FDCAN1_RX, FMC_D22,
DCMI_D4, LCD_G3,
EVENTOUT
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com