Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 57Page - STMicroelectronics STM32H742AI Datasheet HTML 58Page - STMicroelectronics STM32H742AI Datasheet HTML 59Page - STMicroelectronics STM32H742AI Datasheet HTML 60Page - STMicroelectronics STM32H742AI Datasheet HTML 61Page - STMicroelectronics STM32H742AI Datasheet HTML 62Page - STMicroelectronics STM32H742AI Datasheet HTML 63Page - STMicroelectronics STM32H742AI Datasheet HTML 64Page - STMicroelectronics STM32H742AI Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 357 page
background image
DS12110 Rev 10
61/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
Figure 11. LQFP208 pinout
1. The above figure shows the package top view.
MSv41915V3
PE2
1
156
PI2
PE3
2
155
PI1
PE4
3
154
PI0
PE5
4
153
PH15
PE6
5
152
PH14
VBAT
6
151
PH13
PI8
7
150
VDD
PC13
8
149
VSS
PC14-OSC32_IN
9
148
VCAP
PC15-OSC32_OUT
10
147
PA13
PI9
11
146
PA12
PI10
12
145
PA11
PI11
13
144
PA10
VSS
14
143
PA9
VDD
15
142
PA8
PF0
16
141
PC9
PF1
17
140
PC8
PF2
18
139
PC7
PI12
19
138
PC6
PI13
20
137
VDD33USB
PI14
21
136
VSS
PF3
22
135
PG8
PF4
23
134
PG7
PF5
24
133
PG6
VSS
25
208-pins
132
PG5
VDD
26
131
PG4
PF6
27
130
PG3
28
129
PG2
PF8
29
128
PK2
PF9
30
127
PK1
PF10
31
126
PK0
PH0-OSC_IN
32
125
VSS
PH1-OSC_OUT
33
124
VDD
NRST
34
123
PJ11
PC0
35
122
PJ10
PC1
36
121
PJ9
PC2_C
37
120
PJ8
PC3_C
38
119
PJ7
VDD
39
118
PJ6
VSSA
40
117
PD15
VREF+
41
116
PD14
VDDA
42
115
VDD
PA0
43
114
VSS
PA1
44
113
PD13
PA2
45
112
PD12
PH2
46
111
PD11
PH3
47
110
PD10
PH4
48
109
PD9
PH5
49
108
PD8
PA3
50
107
PB15
VSS
51
106
PB14
VDD
52
105
PB13
PF7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com