Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 55Page - STMicroelectronics STM32H742AI Datasheet HTML 56Page - STMicroelectronics STM32H742AI Datasheet HTML 57Page - STMicroelectronics STM32H742AI Datasheet HTML 58Page - STMicroelectronics STM32H742AI Datasheet HTML 59Page - STMicroelectronics STM32H742AI Datasheet HTML 60Page - STMicroelectronics STM32H742AI Datasheet HTML 61Page - STMicroelectronics STM32H742AI Datasheet HTML 62Page - STMicroelectronics STM32H742AI Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 357 page
background image
DS12110 Rev 10
59/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
Figure 9. LQFP176 pinout
1. The above figure shows the package top view.
PINOUT UNDER DEVELOPMENT
MSv41916V5
PE2
1
132
PI1
PE3
2
131
PI0
PE4
3
130
PH15
PE5
4
129
PH14
PE6
5
128
PH13
VBAT
6
127
VDD
PI8
7
126
VSS
PC13
8
125
VCAP
PC14-OSC32_IN
9
124
PA13
PC15-OSC32_OUT
10
123
PA12
PI9
11
122
PA11
PI10
12
121
PA10
PI11
13
120
PA9
VSS
14
119
PA8
VDD
15
118
PC9
PF0
16
117
PC8
PF1
17
116
PC7
PF2
18
115
PC6
PF3
19
114
VDD33USB
PF4
20
113
VSS
PF5
21
112
PG8
VSS
22
176-pins
111
PG7
VDD
23
110
PG6
PF6
24
109
PG5
PF7
25
108
PG4
PF8
26
107
PG3
PF9
27
106
PG2
PF10
28
105
PD15
PH0-OSC_IN
29
104
PD14
PH1-OSC_OUT
30
103
VDD
NRST
31
102
VSS
PC0
32
101
PD13
PC1
33
100
PD12
PC2_C
34
99
PD11
PC3_C
35
98
PD10
VDD
36
97
PD9
VSSA
37
96
PD8
VREF+
38
95
PB15
VDDA
39
94
PB14
PA0
40
93
PB13
PA1
41
92
PB12
PA2
42
91
VDD
PH2
43
90
VSS
PH3
44
89
PH12
45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com