Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 74Page - STMicroelectronics STM32H742AI Datasheet HTML 75Page - STMicroelectronics STM32H742AI Datasheet HTML 76Page - STMicroelectronics STM32H742AI Datasheet HTML 77Page - STMicroelectronics STM32H742AI Datasheet HTML 78Page - STMicroelectronics STM32H742AI Datasheet HTML 79Page - STMicroelectronics STM32H742AI Datasheet HTML 80Page - STMicroelectronics STM32H742AI Datasheet HTML 81Page - STMicroelectronics STM32H742AI Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 357 page
background image
Pin descriptions
STM32H742xI/G STM32H743xI/G
78/357
DS12110 Rev 10
--
-
-
-
-
-
N7
VDD
S
-
-
-
-
-
-
89
F8
K14
108
131
H14
PG4
I/O
FT_h
-
TIM1_BKIN2,
TIM1_BKIN2_COMP12,
FMC_A14/FMC_BA0,
EVENTOUT
-
-
-
90
H11
K13
109
132
G14
PG5
I/O
FT_h
-
TIM1_ETR,
FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
91
G9
J15
110
133
G15
PG6
I/O
FT_h
-
TIM17_BKIN,
HRTIM_CHE1,
QUADSPI_BK1_NCS,
FMC_NE3, DCMI_D12,
LCD_R7, EVENTOUT
-
-
-
92
G10
J14
111
134
F16
PG7
I/O
FT_h
-
HRTIM_CHE2,
SAI1_MCLK_A,
USART6_CK, FMC_INT,
DCMI_D13, LCD_CLK,
EVENTOUT
-
-
-
93
G11
H14
112
135
F15
PG8
I/O
FT_h
-
TIM8_ETR, SPI6_NSS,
USART6_RTS/USART6_
DE, SPDIFRX1_IN3,
ETH_PPS_OUT,
FMC_SDCLK, LCD_G7,
EVENTOUT
-
-
-
94
-
G12
113
136
G16
VSS
S
-
-
-
-
-
-
-
G12
-
-
-
G17
VDD50
USB(10)
S-
-
-
-
-
F6
95
G13
H13
114
137
F17
VDD33
USB
S-
-
-
-
--
-
-
-
-
-
M5
VDD
S
-
-
-
-
63
F10
96
F9
H15
115
138
F14
PC6
I/O
FT_h
-
HRTIM_CHA1,
TIM3_CH1, TIM8_CH1,
DFSDM1_CKIN3,
I2S2_MCK, USART6_TX,
SDMMC1_D0DIR,
FMC_NWAIT,
SDMMC2_D6,
SDMMC1_D6, DCMI_D0,
LCD_HSYNC,
EVENTOUT
SWPMI_IO
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com