Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 109Page - STMicroelectronics STM32H742AI Datasheet HTML 110Page - STMicroelectronics STM32H742AI Datasheet HTML 111Page - STMicroelectronics STM32H742AI Datasheet HTML 112Page - STMicroelectronics STM32H742AI Datasheet HTML 113Page - STMicroelectronics STM32H742AI Datasheet HTML 114Page - STMicroelectronics STM32H742AI Datasheet HTML 115Page - STMicroelectronics STM32H742AI Datasheet HTML 116Page - STMicroelectronics STM32H742AI Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 357 page
background image
DS12110 Rev 10
113/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
Table 33. Typical consumption in Run mode and corresponding performance
versus code position
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
CoreMark
Typ
Unit
IDD/
CoreMark
Unit
Peripheral
Code
IDD
Supply current
in Run mode
All
peripherals
disabled,
cache ON
ITCM
400
2012
71
mA
35
µA/
CoreMark
FLASH
A
400
2012
105
52
AXI
SRAM
400
2012
105
52
SRAM1
400
2012
105
52
SRAM4
400
2012
105
52
All
peripherals
disabled
cache OFF
ITCM
400
2012
71
35
FLASH
A
400
593
70.5
119
AXI
SRAM
400
344
70.5
205
SRAM1
400
472
74.5
158
SRAM4
400
432
72
167
Table 34. Typical current consumption batch acquisition mode
Symbol
Parameter
Conditions
frcc_ahb_ck(AHB4)
(MHz)
Typ
unit
IDD
Supply current in
batch acquisition
mode
D1Standby,
D2Standby,
D3Run
VOS3
64
6.5
mA
D1Stop, D2Stop,
D3Run
VOS3
64
12
Table 35. Typical and maximum current consumption in Sleep mode, regulator ON
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(1)
unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
125°C
IDD(Sleep)
Supply
current in
Sleep mode
All
peripherals
disabled
VOS1
400
31.0
64
220
330
660
mA
300
24.5
57
210
330
650
VOS2
300
22.0
48
180
270
500
200
17.0
42
170
270
490
VOS3
200
15.5
37
150
230
400
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com