Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 178Page - STMicroelectronics STM32H742AI Datasheet HTML 179Page - STMicroelectronics STM32H742AI Datasheet HTML 180Page - STMicroelectronics STM32H742AI Datasheet HTML 181Page - STMicroelectronics STM32H742AI Datasheet HTML 182Page - STMicroelectronics STM32H742AI Datasheet HTML 183Page - STMicroelectronics STM32H742AI Datasheet HTML 184Page - STMicroelectronics STM32H742AI Datasheet HTML 185Page - STMicroelectronics STM32H742AI Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
182/357
DS12110 Rev 10
VOHSAT
High saturation voltage
Iload=max or RLOAD=min(2),
Input at VDDA
VDDA
−100 mV
-
-
mV
VOLSAT
Low saturation voltage
Iload=max or RLOAD=min(2),
Input at 0 V
--
100
tWAKEUP
Wake up time from OFF
state
Normal
mode
CLOAD ≤ 50pf,
RLOAD ≥ 4 kΩ(2),
follower
configuration
-0.8
3.2
µs
High
speed
CLOAD ≤ 50pf,
RLOAD ≥ 4 kΩ(2),
follower
configuration
-0.9
2.8
PGA gain
Non inverting gain value
--
2
-
-
--
4
-
-
--
8
-
-
--
16
-
-
Inverting gain value
--
−1-
-
--
−3-
-
--
−7-
-
--
−15
-
-
Rnetwork
R2/R1 internal resistance
values in non-inverting
PGA mode(3)
PGA Gain=2
-
10/10
-
kΩ/
kΩ
PGA Gain=4
-
30/10
-
PGA Gain=8
-
70/10
-
PGA Gain=16
-
150/10
-
R2/R1 internal resistance
values in inverting PGA
mode(3)
PGA Gain=-1
-
10/10
-
PGA Gain=-3
-
30/10
-
PGA Gain=-7
-
70/10
-
PGA Gain=-15
-
150/10
-
Delta R
Resistance variation (R1 or
R2)
-
−15
-
15
%
PGA BW
PGA bandwidth for
different non inverting gain
Gain=2
-
GBW/2
-
MHz
Gain=4
-
GBW/4
-
Gain=8
-
GBW/8
-
Gain=16
-
GBW/16
-
Table 99. OPAMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com