Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 198Page - STMicroelectronics STM32H742AI Datasheet HTML 199Page - STMicroelectronics STM32H742AI Datasheet HTML 200Page - STMicroelectronics STM32H742AI Datasheet HTML 201Page - STMicroelectronics STM32H742AI Datasheet HTML 202Page - STMicroelectronics STM32H742AI Datasheet HTML 203Page - STMicroelectronics STM32H742AI Datasheet HTML 204Page - STMicroelectronics STM32H742AI Datasheet HTML 205Page - STMicroelectronics STM32H742AI Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
202/357
DS12110 Rev 10
USB OTG_FS characteristics
The USB interface is fully compliant with the USB specification version 2.0 and is USB-IF
certified (for Full-speed device operation).
USB OTG_HS characteristics
Unless otherwise specified, the parameters given in Table 113 for ULPI are derived from
tests performed under the ambient temperature, frcc_c_ck frequency and VDD supply voltage
conditions summarized in Table 24: General operating conditions, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 20 pF
•
Measurement points are done at CMOS levels: 0.5VDD.
Refer to Section 6.3.15: I/O port characteristics for more details on the input/output
characteristics.
Table 112. USB OTG_FS electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD33USB
USB transceiver operating
voltage
-3.0(1)
1. The USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics which are
degraded in the 2.7 to 3.0 V voltage range.
-3.6
V
RPUI
Embedded USB_DP pull-up
value during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up
value during reception
-
1400
2300
3200
ZDRV
Output driver impedance(2)
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.
Driver high
and low
28
36
44
Table 113. Dynamic characteristics: USB ULPI(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup time
-
0.5
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
-
6.5
-
-
tSD
Data in setup time
-
2.5
-
-
tHD
Data in hold time
-
0
-
-
tDC/tDD Data/control output delay
2.7 V < VDD < 3.6 V,
CL = 20 pF
-6.5
8.5
--
6.5
13
1.7 V < VDD < 3.6 V,
CL = 15 pF
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com