Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 209Page - STMicroelectronics STM32H742AI Datasheet HTML 210Page - STMicroelectronics STM32H742AI Datasheet HTML 211Page - STMicroelectronics STM32H742AI Datasheet HTML 212Page - STMicroelectronics STM32H742AI Datasheet HTML 213Page - STMicroelectronics STM32H742AI Datasheet HTML 214Page - STMicroelectronics STM32H742AI Datasheet HTML 215Page - STMicroelectronics STM32H742AI Datasheet HTML 216Page - STMicroelectronics STM32H742AI Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 357 page
background image
DS12110 Rev 10
213/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
fCPU
Arm® Cortex®-M7 clock frequency
VOS3
-
-
200
MHz
VOS2
-
-
300
VOS1
-
-
400
VOS0
-
-
480(5)
fHCLK
AHB clock frequency
VOS3
-
-
100
VOS2
-
-
150
VOS1
-
-
200
VOS0
-
-
240(5)
fPCLK
APB clock frequency
VOS3
-
-
50(6)
VOS2
-
-
75
VOS1
-
-
100
VOS0
-
-
120(5)
TA
Ambient temperature for the suffix 6
version
Maximum power dissipation
–40
85
°C
Low-power dissipation(7)
–40
105
Ambient temperature for the suffix 3
version
Maximum power dissipation
–40
125
Low-power dissipation(4)
–40
130
TJ
Junction temperature range
Suffix 6 version
–40
125
°C
1. When RESET is released functionality is guaranteed down to VBOR0 min
2. This formula has to be applied on power supplies related to the IO structure described by the pin definition table.
3. For operation with voltage higher than Min (VDD, VDDA, VDD33USB) +0.3V, the internal Pull-up and Pull-Down resistors must
be disabled.
4. VOS0 is available only when the LDO regulator is ON.
5. TJmax = 105 °C.
6. Maximum APB clock frequency when at least one peripheral is enabled.
7. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 8.10:
Thermal characteristics).
Table 122. General operating conditions (continued)
Symbol
Parameter
Operating
conditions
Min
Typ
Max
Unit
Table 123. Supply voltage and maximum frequency configuration
Power scale
VCORE source
Max TJ (°C) Max frequency (MHz)
Min VDDLDO (V)
VOS0
LDO
105
480
1.7
VOS1
LDO
125
400
1.62
VOS2
LDO
125
300
1.62
VOS3
LDO
125
200
1.62
SVOS4
LDO
105
N/A
1.62
SVOS5
LDO
105
N/A
1.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com