Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 305 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 305 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 301Page - STMicroelectronics STM32H742AI Datasheet HTML 302Page - STMicroelectronics STM32H742AI Datasheet HTML 303Page - STMicroelectronics STM32H742AI Datasheet HTML 304Page - STMicroelectronics STM32H742AI Datasheet HTML 305Page - STMicroelectronics STM32H742AI Datasheet HTML 306Page - STMicroelectronics STM32H742AI Datasheet HTML 307Page - STMicroelectronics STM32H742AI Datasheet HTML 308Page - STMicroelectronics STM32H742AI Datasheet HTML 309Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 357 page
background image
DS12110 Rev 10
305/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
Table 205. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SPI clock frequency
Master mode
1.62<VDD<3.6 V
SPI1, 2, 3
--
80
MHz
Master mode
2.7<VDD<3.6 V
SPI1, 2, 3
100
Master mode
1.62<VDD<3.6 V
SPI4, 5, 6
50
Slave receiver mode
1.62<VDD<3.6 V
100
Slave mode transmitter/full duplex
2.7<VDD<3.6 V
31
Slave mode transmitter/full duplex
1.62 <VDD<3.6 V
29
tsu(NSS)
NSS setup time
Slave mode
2
-
-
-
th(NSS)
NSS hold time
Slave mode
1
-
-
tw(SCKH),
tw(SCKL)
SCK high and low time
Master mode
TPCLK-2 TPCLK TPCLK+2
tsu(MI)
Data input setup time
Master mode
2
-
-
ns
tsu(SI)
Slave mode
1
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Slave mode
2
-
-
ta(SO)
Data output access time Slave mode
9
13
27
tdis(SO)
Data output disable time Slave mode
0
1
5
tv(SO)
Data output valid time
Slave mode
2.7<VDD<3.6 V
-12.5
16
Slave mode
1.62<VDD<3.6 V
-12.5
17
tv(MO)
Master mode
-
1
3
th(SO)
Data output hold time
Slave mode
1.62<VDD<3.6 V
10
-
-
th(MO)
Master mode
0
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com