Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 115 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 115 Page - SPANSION

Back Button S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION S71GS256 Datasheet HTML 117Page - SPANSION S71GS256 Datasheet HTML 118Page - SPANSION S71GS256 Datasheet HTML 119Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
115
Ad vance
Info rmat i o n
Partial Array Refresh
Partial array refresh (PAR) restricts refresh operation to a portion of the total
memory array. This feature enables the device to reduce standby current by re-
freshing only that part of the memory array required by the host system. The
refresh options are full array, one-half array, one-quarter array, three-quarter ar-
ray, or none of the array. The mapping of these partitions can start at either the
beginning or the end of the address map (see Table 23). READ and WRITE oper-
ations to address ranges receiving refresh will not be affected. Data stored in
addresses not receiving refresh will become corrupted. When re-enabling addi-
tional portions of the array, the new portions are available immediately upon
writing to the RCR.
Deep Power-Down Operation
Deep power-down (DPD) operation disables all refresh-related activity. This mode
is used if the system does not require the storage provided by the CellularRAM
device. Any stored data will become corrupted when DPD is enabled. When re-
fresh activity has been re-enabled by rewriting the RCR, the CellularRAM device
will require 150µs to perform an initialization procedure before normal operations
can resume. During this 150µs period, the current consumption will be higher
than the specified standby levels, but considerably lower than the active current
specification.
DPD cannot be enabled or disabled by writing to the RCR using the software ac-
cess sequence; the RCR should be accessed using CRE instead.
Configuration Registers
Two user-accessible configuration registers define the device operation. The bus
configuration register (BCR) defines how the CellularRAM interacts with the sys-
tem memory bus and is nearly identical to its counterpart on burst mode Flash
devices. The refresh configuration register (RCR) is used to control how refresh
is performed on the DRAM array. These registers are automatically loaded with
default settings during power-up, and can be updated any time the devices are
operating in a standby state.
Access Using CRE
The configuration registers can be written to using either a synchronous or an
asynchronous operation when the configuration register enable (CRE) input is
HIGH (see Figure 31 and Figure 32). When CRE is LOW, a READ or WRITE oper-
ation will access the memory array. The register values are written via address
pins A[21:0]. In an asynchronous WRITE, the values are latched into the config-
uration register on the rising edge of ADV#, CE#, or WE#, whichever occurs first;
LB# and UB# are “Don’t Care.” The BCR is accessed when A[19] is HIGH; the
RCR is accessed when A[19] is LOW. For reads, address inputs other than A[19]
are “Don’t Care,” and register bits 15:0 are output on DQ[15:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com