Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 112 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 112 Page - SPANSION

Back Button S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 195 page
background image
112
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Mixed-Mode Operation
The device can support a combination of synchronous READ and asynchronous
WRITE operations when the BCR is configured for synchronous operation. The
asynchronous WRITE operation requires that the clock (CLK) remain static (HIGH
or LOW) during the entire sequence. The ADV# signal can be used to latch the
target address, or it can remain LOW during the entire WRITE operation. CE# can
remain LOW when transitioning between mixed-mode operations with fixed la-
tency enabled. Note that the tCKA period is the same as a READ or WRITE cycle.
This time is required to ensure adequate refresh. Mixed-mode operation facili-
tates a seamless interface to legacy burst mode Flash memory controllers. See
Figure 55 for the “Asynchronous WRITE Followed by Burst READ” timing diagram.
WAIT Operation
The WAIT output on a CellularRAM device is typically connected to a shared, sys-
tem-level WAIT signal (see Figure 28 below). The shared WAIT signal is used by
the processor to coordinate transactions with multiple memories on the synchro-
nous bus.
Once a READ or WRITE operation has been initiated, WAIT goes active to indicate
that the CellularRAM device requires additional time before data can be trans-
ferred. For READ operations, WAIT will remain active until valid data is output
from the device. For WRITE operations, WAIT will indicate to the memory control-
ler when data will be accepted into the CellularRAM device. When WAIT
transitions to an inactive state, the data burst will progress on successive clock
edges.
CE# must remain asserted during WAIT cycles (WAIT asserted and WAIT config-
uration BCR[8] = 1). Bringing CE# HIGH during WAIT cycles may cause data
corruption. (Note that for BCR[8] = 0, the actual WAIT cycles end one cycle after
WAIT de-asserts, and for row boundary crossings, start one cycle after the WAIT
signal asserts.)
When using variable initial access latency (BCR[14] = 0), the WAIT output per-
forms an arbitration role for READ or WRITE operations launched while an on-chip
refresh is in progress. If a collision occurs, the WAIT pin is asserted for additional
clock cycles until the refresh has completed (see Figure 29 and Figure 30). When
the refresh operation has completed, the READ or WRITE operation will continue
normally.
WAIT is also asserted when a continuous READ or WRITE burst crosses the
boundary between 128-word rows. The WAIT assertion allows time for the new
row to be accessed, and permits any pending refresh operations to be performed.
WAIT will be asserted but should be ignored during asynchronous READ and
WRITE, and page READ operations.
Figure 28. Wired or WAIT Configuration
CellularRAM
External
Pull-Up/
Pull-Down
Resistor
Processor
READY
Other
Device
WAIT
Other
Device
WAIT
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com