Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 111 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 111 Page - SPANSION

Back Button S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
111
Ad vance
Info rmat i o n
cause CE# to remain LOW for longer than tCEM, CE# should be taken HIGH and
the burst restarted with a new CE# LOW/ADV# LOW cycle.
Note: Non-default BCR settings: Variable latency; latency code two (three clocks); WAIT active LOW; WAIT asserted
during delay.
Figure 26. Burst Mode READ (4-word burst)
Note: Non-default BCR settings: Variable latency; latency code two (three clocks); WAIT active LOW; WAIT asserted
during delay.
Figure 27. Burst Mode WRITE (4-word burst)
Don't care
Undefined
Legend:
Latency Code 2 (3 clocks), variable
D[0]
D[1]
D[2]
D[3]
READ Burst Identified
(WE# = HIGH)
CLK
A[22:0]
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
LB#/UB#
Address
Valid
Address
Valid
Latency Code 2 (3 clocks), variable
WRITE Burst Identified
(WE# = LOW)
CLK
A[22:0]
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
LB#/UB#
D[0]
D[1]
D[2]
D[3]
Don't care
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com