Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 113 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 113 Page - SPANSION

Back Button S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION S71GS256 Datasheet HTML 117Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
113
Ad vance
Info rmat i o n
LB#/UB# Operation
The LB# enable and UB# enable signals support byte-wide data transfers. During
READ operations, the enabled byte(s) are driven onto the DQs. The DQs associ-
ated with a disabled byte are put into a High-Z state during a READ operation.
During WRITE operations, any disabled bytes will not be transferred to the RAM
array and the internal value will remain unchanged. During an asynchronous
WRITE cycle, the data to be written is latched on the rising edge of CE#, WE#,
LB#, or UB#, whichever occurs first.
When both the LB# and UB# are disabled (HIGH) during an operation, the device
will disable the data bus from receiving or transmitting data. Although the device
will seem to be deselected, it remains in an active mode as long as CE# remains
LOW.
Note: Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
Figure 29. Refresh Collision During READ Operation
Additional WAIT states inserted to allow refresh completion.
CLK
A[22:0]
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
LB#/UB#
Don't care
Undefined
Legend:
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
High-Z
VOH
VOL
D[0]
D[1]
D[2]
D[3]
VOH
VOL
Address
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com