Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 114 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 114 Page - SPANSION

Back Button S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION S71GS256 Datasheet HTML 115Page - SPANSION S71GS256 Datasheet HTML 116Page - SPANSION S71GS256 Datasheet HTML 117Page - SPANSION S71GS256 Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 195 page
background image
114
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Low-Power Operation
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary
to perform the DRAM refresh operation. Standby operation occurs when CE# is
HIGH.
The device will enter a reduced power state upon completion of a READ or WRITE
operation, or when the address and control inputs remain static for an extended
period of time. This mode will continue until a change occurs to the address or
control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) is used to adjust the refresh rate de-
pending on the device operating temperature. DRAM technology requires
increasingly frequent refresh operation to maintain data integrity as tempera-
tures increase. More frequent refresh is required due to increased leakage of the
DRAM capacitive storage elements as temperatures rise. A decreased refresh rate
at lower temperatures will facilitate a savings in standby current.
TCR allows for adequate refresh at four different temperature thresholds (+15
°C,
+45
°C, +70°C, and +85°C). The setting selected must be for a temperature
higher than the case temperature of the CellularRAM device. For example, if the
case temperature is 50
°C, the system can minimize self refresh current con-
sumption by selecting the +7
°0C setting. The +15°C and +45°C settings would
result in inadequate refreshing and cause data corruption.
Note: Non-default BCR settings: Latency code two (three clocks); WAIT active LOW; WAIT asserted during delay.
Figure 30. Refresh Collision During WRITE Operation
Address
Valid
Additional WAIT states inserted to allow refresh completion.
CLK
A[22:0]
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
LB#/UB#
Don't care
Legend:
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
High-Z
VOH
VOL
D[1]
D[2]
D[3]
VOH
VOL
D[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com