Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 110 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 110 Page - SPANSION

Back Button S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION S71GS256 Datasheet HTML 114Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 195 page
background image
110
CellularRAM Type 2
cellRAM_00_A0 October 4, 2004
Advan ce
In form ati o n
Burst Mode Operation
Burst mode operations enable high-speed synchronous READ and WRITE opera-
tions. Burst operations consist of a multi-clock sequence that must be performed
in an ordered fashion. After CE# goes LOW, the address to access is latched on
the rising edge of the next clock that ADV# is LOW. During this first clock rising
edge, WE# indicates whether the operation is going to be a READ (WE# = HIGH,
Figure 26) or WRITE (WE# = LOW, Figure 27).
The size of a burst can be specified in the BCR either as a fixed length or contin-
uous. Fixed-length bursts consist of four, eight, or sixteen words. Continuous
bursts have the ability to start at a specified address and burst through the entire
memory.
The latency count stored in the BCR defines the number of clock cycles that
elapse before the initial data value is transferred between the processor and Cel-
lularRAM device.
The WAIT output asserts as soon as a burst is initiated, and de-asserts to indicate
when data is to be transferred into (or out of) the memory. WAIT will again be
asserted if the burst crosses a row boundary. Once the CellularRAM device has
restored the previous row's data and accessed the next row, WAIT will be deas-
serted and the burst can continue (see Figure 47).
To access other devices on the same bus without the timing penalty of the initial
latency for a new burst, burst mode can be suspended. Bursts are suspended by
stopping CLK. CLK can be stopped HIGH or LOW. If another device will use the
data bus while the burst is suspended, OE# should be taken HIGH to disable the
CellularRAM outputs; otherwise, OE# can remain LOW. Note that the WAIT out-
put will continue to be active, and as a result no other devices should directly
share the WAIT connection to the controller. To continue the burst sequence, OE#
is taken LOW, then CLK is restarted after valid data is available on the bus.
See “How Extended Timings Impact CellularRAM™ Operation” for restrictions on
the maximum CE# LOW time during burst operations. If a burst suspension will
Figure 25. Page Mode READ Operation (ADV# LOW)
CE#
OE#
WE#
ADDRESS
DATA
LB#/UB#
Don't Care
ADD[1]
ADD[2]
ADD[3]
tAA
D[0]
tAPA
D[1]
tAPA
D[2]
tAPA
D[3]
ADD[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com