Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS256 Datasheet(PDF) 109 Page - SPANSION

Part # S71GS256
Description  128N based MCPs
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS256 Datasheet(HTML) 109 Page - SPANSION

Back Button S71GS256 Datasheet HTML 105Page - SPANSION S71GS256 Datasheet HTML 106Page - SPANSION S71GS256 Datasheet HTML 107Page - SPANSION S71GS256 Datasheet HTML 108Page - SPANSION S71GS256 Datasheet HTML 109Page - SPANSION S71GS256 Datasheet HTML 110Page - SPANSION S71GS256 Datasheet HTML 111Page - SPANSION S71GS256 Datasheet HTML 112Page - SPANSION S71GS256 Datasheet HTML 113Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 195 page
background image
October 4, 2004 cellRAM_00_A0
CellularRAM Type 2
109
Ad vance
Info rmat i o n
Page Mode READ Operation
Page mode is a performance-enhancing extension to the legacy asynchronous
READ operation. In page mode-capable products, an initial asynchronous read
access is performed, then adjacent addresses can be read quickly by simply
changing the low-order address. Addresses A[3:0] are used to determine the
members of the 16-address CellularRAM page. Addresses A[4] and higher must
remain fixed during the entire page mode access. Figure 25 shows the timing for
a page mode access. Page mode takes advantage of the fact that adjacent ad-
dresses can be read in a shorter period of time than random addresses. WRITE
operations do not include comparable page mode functionality.
During asynchronous page mode operation, the CLK input must be held LOW.
CE# must be driven HIGH upon completion of a page mode access. WAIT will be
driven while the device is enabled and its state should be ignored. Page mode is
enabled by setting RCR[7] to HIGH. WRITE operations do not include comparable
page mode functionality. ADV must be driven LOW during all page mode read
accesses.
Figure 24. WRITE Operation (ADV# LOW)
Data Valid
Address Valid
tWC = WRITE Cycle Time
CE#
OE#
WE#
ADDRESS
DATA
LB#/UB#
Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com