| Electronic Components Datasheet Search |
|
TMS320DM6441 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 229 page ![]() www.ti.com TMS320DM6441 Digital Media System-on-Chip SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007 Table 2-19. VPFE Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. This pin is CCDC input YI6 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD6. YI6/ IPD L17 I In 16-bit YCbCr mode, it is input Y6. CCD6 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y6, CB6, and CR6 of the lower 8-bit channel. This pin is CCDC input YI5 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD5. YI5/ IPD L16 I In 16-bit YCbCr mode, it is input Y5. CCD5 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y5, CB5, and CR5 of the lower 8-bit channel. This pin is CCDC input YI4 and it supports several modes. In 16-bit CCD Analog-Front-End (AFE) mode, it is input CCD4. YI4/ IPD L15 I In 16-bit YCbCr mode, it is input Y4. CCD4 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y4, CB4, and CR4 of the lower 8-bit channel. This pin is CCDC input YI3 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD3. YI3/ IPD K19 I In 16-bit YCbCr mode, it is input Y3. CCD3 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y3, CB3, and CR3 of the lower 8-bit channel. This pin is CCDC input YI2 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD2. YI2/ IPD K18 I In 16-bit YCbCr mode, it is input Y2. CCD2 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y2, CB2, and CR2 of the lower 8-bit channel. This pin is CCDC input YI1 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD1. YI1/ IPD K17 I In 16-bit YCbCr mode, it is input Y1. CCD1 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y1, CB1, and CR1 of the lower 8-bit channel. This pin is CCDC input YI0 and it supports several modes. In 16-bit CCD AFE mode, it is input CCD0. YI0/ IPD K16 I In 16-bit YCbCr mode, it is input Y0. CCD0 DVDD18 In 8-bit YCbCr mode, it is time multiplexed between Y0, CB0, and CR0 of the lower 8-bit channel. GPIO1/ This pin is multiplexed between GPIO and the VPFE. E13 I/O/Z DVDD18 C_WE In VPFE mode, it is the CCD controller write enable input C_WE. GPIO4/ This pin is multiplexed between GPIO, the VPFE, and the VPBE. R0/ B14 I/O/Z DVDD18 In VPFE mode, it is CCDC field identification bidirectional signal C_FIELD. C_FIELD Table 2-20. VPBE Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. VIDEO OUT (VPBE) IPD HSYNC C17 I/O/Z VPBE horizontal sync output DVDD18 IPD VSYNC C18 I/O/Z VPBE vertical sync output DVDD18 VCLK D19 I/O/Z DVDD18 VPBE clock output IPD VPBECLK C19 I/O/Z VPBE clock input DVDD18 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |